interpret dimensions acco rding to ansi y15.5m-1994 masse und toleranzen in bereinstimmung mit ansi y15.5m-1994 / 9,41 5,08 tube&cap 100 mating- cycles id-nr. tube&cap 10 mating- cycles id-nr. tube 100 mating- cycles id-nr. tube 10 mating- cycles polzahl no of positions mass a mass b 28,46 24,13 109250 109241 109232 109223 30 22,11 17,78 109249 109240 109231 109222 20 15,76 11,43 109248 109239 109230 109221 10 id-nr. 109256 109247 109238 109229 100 66,56 62,23 109255 109246 109237 109228 80 53,86 49,53 109254 109245 109236 109227 70 47,51 43,18 109253 109244 109235 109226 60 41,16 36,83 109252 109243 109234 109225 50 34,81 30,48 109251 109242 109233 109224 40 100 9 80 11 70 12 60 14 50 17 40 21 30 27 20 38 10 64 polzahl no. of positions stck / pieces class a3 prior notice. contact one of the erni companies date index minimez without pegs 1,9mm minimez vertical male dip 109220 5:1 information: tolerances scale www.erni.com before using. in mm i all dimensions drawing will not be updated. subject to modification without designation all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. verpackung stange / stange & ansaughaube packaging tube / tube&cap m 2 : 1 layout m 2 : 1 b1 a1 0,05 1,27 1,27 0,05 b 0,1 0,65 0,05 b1 a1 a 1,45 1,27 3,3 5,8 0,25 0,4 1,27 b a a schnitt a-a 5,65 3 0,2 1,27 3 0,2
|